Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMTH4008LFDFW Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce DMTH4008LFDFW
Description  40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4008LFDFW Fiches technique(HTML) 6 Page - Diodes Incorporated

  DMTH4008LFDFW Datasheet HTML 1Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 2Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 3Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 4Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 5Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 6Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMTH4008LFDFW
Datasheet number: DS40056 Rev. 1 - 2
6 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMTH4008LFDFW
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-6 (SWP) (Type F)
U-DFN2020-6 (SWP)
(Type F)
Dim
Min
Max
Typ
A
0.59
 0.65
0.62
A1
0.00
0.05
0.03
A3
-
-
0.192
b
0.28
0.38
0.33
D
1.95
2.05
2.00
D2
0.87
1.07
0.97
D2a
0.35
0.45
0.40
E
1.95
2.05
2.00
E2
1.07
1.27
1.17
E2a
0.67
0.77
0.72
e
0.65 BSC
e3
0.70 BSC
e4
0.325 BSC
k
--
--
0.15
k1
--
--
0.375
L
0.225 0.355
0.305
z
--
--
0.20
z1
--
--
0.11
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-6 (SWP) (Type F)
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
0.480
X2
0.950
X3
1.700
Y
0.425
Y1
0.800
Y2
1.150
Y3
1.450
Y4
2.300
D
E
z(4x)
e(4x)
b(6x)
L(6x)
E2
D2a
E2a
z1
e3
e4
D2
k1
k
A1
A
A3
Seating Plane
1
1
C0.15X45°
Pin1
Y4
Y2
Y
X
C
X3
Y1
X1
X2
Y3



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com