| Moteur de recherche de fiches techniques de composants électroniques |
|
E010 Fiches technique(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
E010 Fiches technique(HTML) 4 Page - ITT Industries |
|
4 / 6 page ![]() A-43 Dimensions are shown: IN (mm) Dimensions subject to change www.ittcannon.com C&K E010 Series Sealed Momentary Pushbutton Switches TERMINATIONS Third Angle Projection A PC MOUNTING SNAP-IN PC MOUNTING SNAP-IN PC MOUNTING V6, V8 VERTICAL MOUNT, V-BRACKET V81 VERTICAL MOUNT, V-BRACKET, SNAP-IN V3, V4 VERTICAL MOUNT, V-BRACKET V31, V91 VERTICAL MOUNT, V-BRACKET, SNAP-IN R2 RIGHT ANGLE WITH PCB E112SD1R2BE SPDT E112SD1__BE SPDT E112SD1__BE SPDT V6 .460 (11,68) V8, V81 .953 (24,21) DIM ‘A’ OPTION CODE V3, V31 .460 (11,68) V4 .630 (16,00) V91 1.150 (29,21) DIM ‘A’ OPTION CODE NOTE: Available with D1 bushing and B contact material only. NOTE: Available with D1 bushing and B contact material only. NOTE: Available with D1 bushing only. |