Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M48T201YMH Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce M48T201YMH
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201YMH Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button M48T201YMH Datasheet HTML 23Page - STMicroelectronics M48T201YMH Datasheet HTML 24Page - STMicroelectronics M48T201YMH Datasheet HTML 25Page - STMicroelectronics M48T201YMH Datasheet HTML 26Page - STMicroelectronics M48T201YMH Datasheet HTML 27Page - STMicroelectronics M48T201YMH Datasheet HTML 28Page - STMicroelectronics M48T201YMH Datasheet HTML 29Page - STMicroelectronics M48T201YMH Datasheet HTML 30Page - STMicroelectronics M48T201YMH Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
27/33
M48T201Y, M48T201V
Figure 15. Power Down/Up Mode AC Waveforms
Table 14. Power Down/Up Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Symbol
Parameter(1)
Min
Max
Unit
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
M48T201Y
10
µs
M48T201V
150
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tREC
VPFD (max) to RST High
40
200
ms
tRB
VSS to VPFD (min) VCC Rise Time
5µs
AI03519
VCC
INPUTS
RST
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tREC
tRB
VALID
VALID
VPFD (max)
VPFD (min)
VSO
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33