| Moteur de recherche de fiches techniques de composants électroniques |
|
ITR8307 Fiches technique(PDF) 1 Page - Everlight Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
ITR8307 Fiches technique(HTML) 1 Page - Everlight Electronics Co., Ltd |
|
1 / 11 page ![]() Technical Data Sheet OPTO INTERRUPTER ITR Everlight Electronics Co., Ltd. http:\\www.everlight.com Rev 4 Page: 1 of 11 Device No:DRX-083-025 Prepared date:2006/12/22 Prepared by: Ming-jing Lee ITR8307 █ Features ․Fast response time ․High sensitivity ․Cut-Off visible wavelength ․Thin ․Compact ․Pb free █ Descriptions ITR8307 is a light reflection switch which includes a GaAs IR-LED transmitter and a NPN photo-transistor with a high photosensitive receiver for short distance, operating in the infrared range. Both components are mounted side- by- side in a plastic package. █ Applications ․Camera ․VCR ․Floppy disk driver ․Cassette type recorder ․Various microcomputer control equipment █ Device Selection Guide Device No. Chip Material IR GaAs PT Silicon |
Numéro de pièce similaire - ITR8307 |
|
Description similaire - ITR8307 |