Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS12064ARS-F Fiches technique(PDF) 13 Page - Powertip Technology

No de pièce PS12064ARS-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERTIP [Powertip Technology]
Site Internet  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS12064ARS-F Fiches technique(HTML) 13 Page - Powertip Technology

Back Button PS12064ARS-F Datasheet HTML 9Page - Powertip Technology PS12064ARS-F Datasheet HTML 10Page - Powertip Technology PS12064ARS-F Datasheet HTML 11Page - Powertip Technology PS12064ARS-F Datasheet HTML 12Page - Powertip Technology PS12064ARS-F Datasheet HTML 13Page - Powertip Technology PS12064ARS-F Datasheet HTML 14Page - Powertip Technology PS12064ARS-F Datasheet HTML 15Page - Powertip Technology PS12064ARS-F Datasheet HTML 16Page - Powertip Technology PS12064ARS-F Datasheet HTML 17Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
PROFILE
NEWS
TECHNICAL
PRODUCTS
STOCKING
DISTRIBUTOR
SALES
NETWORK
CONTACT
US
Interface With MPU
Example of interfacing to an 8-bit MPU(Z80)
Example of interfacing to a 4-bit MPU
If interface data is 4-bits long
If interface data is 8-bits long
Example of interfacing to an 8-bit MPU(Z80)
Example of interface to a 4-bit MPU
Interface to a 4-bit MPU can be made through the I/O port of the 4-bit MPU. If there are sufficient I/O ports,
data can be transferred at 8-bit cycles, however, if there are not, data transfer can be accomplished by two
cycles of 4-bit transfers (select interface as 4-bits long). Please take into account that 2 cycles of the BF check
will be necessary and the timing sequence will prove to be complicated.
Page 1 of 3
Powertip Technology, Inc.
11/10/2004
http://www.powertipusa.com/mpu.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com