Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1339-2DCGI Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce 1339-2DCGI
Description  Real-Time Clock with Serial I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1339-2DCGI Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button 1339-2DCGI Datasheet HTML 17Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 18Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 19Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 20Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 21Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 22Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 23Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 24Page - Renesas Technology Corp 1339-2DCGI Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1339 Datasheet
21
©2007-2023 Renesas Electronics Corporation
December 14, 2023
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see
Ordering Information for POD links). The package information is the most current data available and is subject to change
without revision of this document.
Ordering Information
The 1339 packages are RoHS compliant. Packages without the integrated crystal are Pb-free; packages that include the
integrated crystal (as designated with a “C” before the dash number) may include lead that is exempt under RoHS
requirements. The lead finish is JESD91 category e3.
“A” is the device revision designator and will not correlate to the datasheet revision.
Part Number
Marking
Carrier Type
Package
Temperature Range
1339-2DVGI
see page 20
Tubes
8-TSSOP
-40C to +85C
1339-2DVGI8
Tape and Reel
8-TSSOP
-40C to +85C
1339-2DCGI
Tubes
8-SOIC
-40C to +85C
1339-2DCGI8
Tape and Reel
8-SOIC
-40C to +85C
1339AC-2SRGI
Tubes
16-SOIC
-40C to +85C
1339AC-2SRGI8
Tape and Reel
16-SOIC
-40C to +85C
1339-31DVGI
Tubes
8-TSSOP
-40C to +85C
1339-31DVGI8
Tape and Reel
8-TSSOP
-40C to +85C
1339-31DCGI
Tubes
8-SOIC
-40C to +85C
1339-31DCGI8
Tape and Reel
8-SOIC
-40C to +85C
1339AC-31SRGI
Tubes
16-SOIC
-40C to +85C
1339AC-31SRGI8
Tape and Reel
16-SOIC
-40C to +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28