Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC8103/D Fiches technique(PDF) 78 Page - Freescale Semiconductor, Inc

No de pièce MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Fiches technique(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 75Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 76Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 77Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 78Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 79Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 80Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 81Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
3-12
Freescale Semiconductor
Packaging
IRQ1
D18
IRQ2
C19
IRQ2
D4
IRQ2
V11
IRQ3
B2
IRQ3
C18
IRQ3
H14
IRQ4
C3
IRQ5
A2
IRQ5
H13
IRQ6
D5
IRQ7
F6
IRQ7
W11
L1RSYNC for SI1 TDMA1
T11
L1RSYNC for SI2 TDMB2
K4
L1RSYNC for SI2 TDMC2
P3
L1RSYNC for SI2 TDMD2
P5
L1RXD for SI1 TDMA1 Serial
U10
L1RXD for SI2 TDMB2
H1
L1RXD for SI2 TDMC2
M3
L1RXD for SI2 TDMD2
T2
L1RXD0 for SI1 TDMA1 Nibble
U10
L1RXD1 for SI1 TDMA1 Nibble
T2
L1RXD2 for SI1 TDMA1 Nibble
V1
L1RXD3 for SI1 TDMA1 Nibble
P3
L1TSYNC for SI1 TDMA1
V10
L1TSYNC for SI2 TDMB2
L2
L1TSYNC for SI2 TDMC2
N3
L1TSYNC for SI2 TDMD2
T1
L1TXD for SI1 TDMA1 Serial
W9
L1TXD for SI2 TDMB2
H4
L1TXD for SI2 TDMC2
M1
L1TXD for SI2 TDMD2
V1
L1TXD0 for SI1 TDMA1 Nibble
W9
Table 3-1.
MSC8103 Signal Listing By Name (Continued)
Signal Name
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More