| Moteur de recherche de fiches techniques de composants électroniques |
|
DM240016 Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM240016 Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 3 page ![]() Part Number: DM240016- PIC24FJ256GA7 Curiosity Development Boar Overview: The PIC24FJ256GA7 Curiosity Development development platform targeted at first prototyping board. Designed from the ground and MPLAB Xpress Cloud-based IDE, the board includes an integrated programmer/debugger and requires no additional hardware, making it a perfect starting point to explore the latest low eXtreme Low Power (XLP) 16-bit PIC24FJ256GA705 family of Microcontrolle The PIC24FJ256GA7 Curiosity Board enables easy and faster adoption of low PIC24FJ256GA705 family of microcontrollers 256KB of ECC flash and 16KB of RAM, is ideally suited for low power general purpose applications. The layout and external connections of PIC24FJ256GA7 Curiosity board offer unparalleled access to the Core Independent Peripherals (CIPs) such integrate various system functions onto a single MCU, simplifying the design and keeping system power consumption and BOM cost low. PIC24FJ256GA7 Curiosity Development Board The PIC24FJ256GA7 Curiosity Development Board is a cost-effective, fully integrated 16 development platform targeted at first-time users, makers, and those seeking a feature prototyping board. Designed from the ground-up to take full advantage of Microchip’s MPLAB® X IDE based IDE, the board includes an integrated programmer/debugger and requires no additional hardware, making it a perfect starting point to explore the latest low bit PIC24FJ256GA705 family of Microcontrollers. The PIC24FJ256GA7 Curiosity Board enables easy and faster adoption of low-cost XLP 16 PIC24FJ256GA705 family of microcontrollers. PIC24FJ256GA705 microcontroller featuring up to RAM, is ideally suited for low power general purpose applications. The layout and external connections of PIC24FJ256GA7 Curiosity board offer unparalleled access to the Core Independent Peripherals (CIPs) such as CLC, MCCP and DMA. These CIPs enable the user to integrate various system functions onto a single MCU, simplifying the design and keeping system power consumption and BOM cost low. effective, fully integrated 16-bit time users, makers, and those seeking a feature-rich rapid up to take full advantage of Microchip’s MPLAB® X IDE based IDE, the board includes an integrated programmer/debugger and requires no additional hardware, making it a perfect starting point to explore the latest low-cost and 16-bit eaturing up to RAM, is ideally suited for low power general purpose applications. The layout and external connections of PIC24FJ256GA7 Curiosity board offer unparalleled access to as CLC, MCCP and DMA. These CIPs enable the user to integrate various system functions onto a single MCU, simplifying the design and keeping system |
Numéro de pièce similaire - DM240016 |
|
Description similaire - DM240016 |