Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC12864ARS-0 Fiches technique(PDF) 26 Page - Powertip Technology

No de pièce PC12864ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERTIP [Powertip Technology]
Site Internet  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC12864ARS-0 Fiches technique(HTML) 26 Page - Powertip Technology

Back Button PC12864ARS-0 Datasheet HTML 22Page - Powertip Technology PC12864ARS-0 Datasheet HTML 23Page - Powertip Technology PC12864ARS-0 Datasheet HTML 24Page - Powertip Technology PC12864ARS-0 Datasheet HTML 25Page - Powertip Technology PC12864ARS-0 Datasheet HTML 26Page - Powertip Technology PC12864ARS-0 Datasheet HTML 27Page - Powertip Technology PC12864ARS-0 Datasheet HTML 28Page - Powertip Technology PC12864ARS-0 Datasheet HTML 29Page - Powertip Technology PC12864ARS-0 Datasheet HTML 30Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
ST7066U
V2.0
2001/03/01
3/42
!"Block Diagram
Reset
circuit
CPG
Timing
generator
Instruction
register(IR)
Instruction
decoder
Display data
RAM
(DDRAM)
80x8 bits
16-bit
shift
register
Common
signal
driver
40-bit
latch
circuit
40-bit
shift
register
Segment
signal
driver
LCD drive
voltage
selector
Address
counter
Data
register
(DR)
Busy
flag
MPU
interface
Input/
output
buffer
Character
generator
RAM
(CGRAM)
64 bytes
Character
generator
ROM
(CGROM)
13,200 bits
Cursor
and
blink
controller
Parallel/serial converter
and
attribute circuit
RS
RW
E
DB4 to
DB7
DB0 to
DB3
GND
Vcc
V1
V2
V3
V4
V5
OSC1 OSC2
CL1
CL2
M
D
COM1 to
COM16
SEG1 to
SEG40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65