Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS71108ATP Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce GS71108ATP
Description  128K x 8 1Mb Asynchronous SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108ATP Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GS71108ATP Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 11Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 12Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 13Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 14Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 15Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
GS71108ATP/J/SJ/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08 6/2006
13/16
© 2001, GSI Technology
Ordering Information
Part Number*
Package
Access Time
Temp. Range
Status
GS71108ATP-7
400 mil TSOP-II
7 ns
Commercial
MP
GS71108ATP-8
400 mil TSOP-II
8 ns
Commercial
MP
GS71108ATP-10
400 mil TSOP-II
10 ns
Commercial
MP
GS71108ATP-12
400 mil TSOP-II
12 ns
Commercial
MP
GS71108ATP-7I
400 mil TSOP-II
7 ns
Industrial
MP
GS71108ATP-8I
400 mil TSOP-II
8 ns
Industrial
MP
GS71108ATP-10I
400 mil TSOP-II
10 ns
Industrial
MP
GS71108ATP-12I
400 mil TSOP-II
12 ns
Industrial
MP
GS71108AGP-7
RoHS-compliant 400 mil TSOP-II
7 ns
Commercial
PQ
GS71108AGP-8
RoHS-compliant 400 mil TSOP-II
8 ns
Commercial
PQ
GS71108AGP-10
RoHS-compliant 400 mil TSOP-II
10 ns
Commercial
PQ
GS71108AGP-12
RoHS-compliant 400 mil TSOP-II
12 ns
Commercial
PQ
GS71108AGP-7I
RoHS-compliant 400 mil TSOP-II
7 ns
Industrial
PQ
GS71108AGP-8I
RoHS-compliant 400 mil TSOP-II
8 ns
Industrial
PQ
GS71108AGP-10I
RoHS-compliant 400 mil TSOP-II
10 ns
Industrial
PQ
GS71108AGP-12I
RoHS-compliant 400 mil TSOP-II
12 ns
Industrial
PQ
GS71108ASJ-7
300 mil SOJ
7 ns
Commercial
MP
GS71108ASJ-8
300 mil SOJ
8 ns
Commercial
MP
GS71108ASJ-10
300 mil SOJ
10 ns
Commercial
MP
GS71108ASJ-12
300 mil SOJ
12 ns
Commercial
MP
GS71108ASJ-7I
300 mil SOJ
7 ns
Industrial
MP
GS71108ASJ-8I
300 mil SOJ
8 ns
Industrial
MP
GS71108ASJ-10I
300 mil SOJ
10 ns
Industrial
MP
GS71108ASJ-12I
300 mil SOJ
12 ns
Industrial
MP
GS71108AJ-7
400 mil SOJ
7 ns
Commercial
MP
GS71108AJ-8
400 mil SOJ
8 ns
Commercial
MP
GS71108AJ-10
400 mil SOJ
10 ns
Commercial
MP
GS71108AJ-12
400 mil SOJ
12 ns
Commercial
MP
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. For example: GS71108ATP-8T.
2. MP = Mass Production. PQ = Pre-Qualification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16