Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAFSLS0100CAAX3 Fiches technique(PDF) 3 Page - Honeywell Solid State Electronics Center

No de pièce HAFSLS0100CAAX3
Description  Honeywell Zephyr™ Analog Airflow Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSLS0100CAAX3 Fiches technique(HTML) 3 Page - Honeywell Solid State Electronics Center

  HAFSLS0100CAAX3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
sensing.honeywell.com
FAST RESPONSE TIME*
Allows a customer’s application to respond quickly to airflow change, important in
critical medical (e.g., anesthesia) and industrial (e.g., fume hood) applications.
WIdE RANgE OF AIRFLOWS*
Zephyr measures mass flow at standard flow ranges of ±50, ±100 ±200, ±400
or ±750 SCCM, or custom flow ranges, increasing the options for integrating the
sensor into the application.
CuSTOMIzAbLE FLOW RANgES ANd CONFIguRAbLE PACkAgE
STyLES*
Meet specific end-user needs.
FuLL CALIbRATION ANd TEMPERATuRE COMPENSATION
Typically allow customer to remove additional components associated with signal
conditioning from the PCB, reducing PCB size as well as costs often associated
with those components (e.g., acquisition, inventory, assembly).
LINEAR OuTPuT*
Provides more intuitive sensor signal than the raw output of basic airflow sensors,
which can help reduce production costs, design, and implementation time.
LOW PRESSuRE dROP*
Typically improves patient comfort in medical applications, and reduces noise and
system wear on other components such as motors and pumps.
0.049 %FS RESOLuTION
Increases ability to sense small airflow changes, allowing customers to more
precisely control their application.
LOW 3.3 VdC OPERATINg VOLTAgE OPTION ANd LOW POWER
CONSuMPTION
Allow for use in battery-driven and other portable applications.
SMALL SIzE
Occupies less space on PCB, allowing easier fit and potentially reducing production
costs; PCB size may also be reduced for easier fit into space-constrained
applications.
ROHS-COMPLIANT MATERIALS
Meet Directive 2002/95/EC.
*Competitive Differentiator
Features
and Benefits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com