Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2DM310 Fiches technique(PDF) 4 Page - Honeywell Solid State Electronics Center

No de pièce 2DM310
Description  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2DM310 Fiches technique(HTML) 4 Page - Honeywell Solid State Electronics Center

  2DM310 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2DM310 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 sensing.honeywell.com
APPLIANCE DOOR LIGHTS
Used in turning lights “on” in refrigerators and freezers when the door is opened
DOOR INTERLOCKS
Found as a door interlock on residential HVAC equipment and service panels to
interrupt power when door access panels are opened
INDICATOR CIRCUITS
Often used for general purposes to turn lights “on” or “off” when doors and/or
panels are opened
Potential Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13