Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34C00DW Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M34C00DW
Description  3 x 128 bit Serial I²C Bus EEPROM For ee-Tags
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C00DW Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M34C00DW Datasheet HTML 7Page - STMicroelectronics M34C00DW Datasheet HTML 8Page - STMicroelectronics M34C00DW Datasheet HTML 9Page - STMicroelectronics M34C00DW Datasheet HTML 10Page - STMicroelectronics M34C00DW Datasheet HTML 11Page - STMicroelectronics M34C00DW Datasheet HTML 12Page - STMicroelectronics M34C00DW Datasheet HTML 13Page - STMicroelectronics M34C00DW Datasheet HTML 14Page - STMicroelectronics M34C00DW Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
M34C00
TSSOP8 – 8 lead Thin Shrink Small Outline
Note: 1. Drawing is not to scale.
TSSOP8-M
1
8
CP
c
L
E
E1
D
A2
A
α
e
b
4
5
A1
L1
TSSOP8 – 8 lead Thin Shrink Small Outline
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
1.000
0.800
1.050
0.0394
0.0315
0.0413
b
0.190
0.300
0.0075
0.0118
c
0.090
0.200
0.0035
0.0079
CP
0.100
0.0039
D
3.000
2.900
3.100
0.1181
0.1142
0.1220
e
0.650
–
–
0.0256
–
–
E
6.400
6.200
6.600
0.2520
0.2441
0.2598
E1
4.400
4.300
4.500
0.1732
0.1693
0.1772
L
0.600
0.450
0.750
0.0236
0.0177
0.0295
L1
1.000
0.0394
α
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15