Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EZD-R16 Fiches technique(PDF) 6 Page - Omega Engineering, Inc.

No de pièce EZD-R16
Description  EZ Series Intelligent Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMEGA [Omega Engineering, Inc.]
Site Internet  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

EZD-R16 Fiches technique(HTML) 6 Page - Omega Engineering, Inc.

  EZD-R16 Datasheet HTML 1Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 2Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 3Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 4Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 5Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 6Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 7Page - Omega Engineering, Inc. EZD-R16 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A-23
To Order
MODEl nO.
DEsCRIptIOn
EZsOft
Programming software for EZ800 and EZD
EZsOft-BAsIC
Programming software for EZ500/700
EZSoft User-Friendly Circuit
Diagram Editor
EZSoft makes things particularly easy for
users. The graphical editor shows the circuit
diagram immediately in the display format
required. Selection menus and drag & drop
functions simplify circuit diagram creation.
Simply select contacts and coils and connect
with the mouse – that’s it! In addition to
the editing functions, EZSoft is available for
straightforward circuit diagram input. All
software includes user-friendly menus and
Help screens. EZSoft offers the following
display formats for viewing,
editing and printing out your program:
l
IEC format, with contact and coil
symbols using international standards
l
EZ circuit diagram, same as what is
seen when programming from the
EZ front panel
l
ANSI format, in compliance with
American standards
EZ is Maintenance-Free
The finished program is stored in EZ’s
non-volatile memory until modified.
Additional auxiliary power or batteries are not
required. The intelligent relays are entirely
maintenance-free. Circuit diagrams and
parameters are saved in the event of a power
failure. If a power failure occurs, the EZ
controller stores switch positions and values
such as operating hours, meters, counters
and timing relays. When power is restored
the values are restored. This retentive
feature for the different function blocks and
data is available on all EZ intelligent relay
models.
EZSoft supports users who are configuring,
programming and defining parameters
for EZ intelligent relays and creating
visualization functions for EZD displays.
When intelligent relays are connected to
EZ-NET, all connected devices can be
accessed and their programs loaded from
a single intelligent relay. The integrated
offline simulation tool allows users to test
the functionality of the circuit diagram
before commissioning, without the need
for a connected device. The comment
function for contacts, coils and function
blocks helps provide a clear overview of
the circuit diagram. A cover sheet with a
customized company logo and different text
fields, as well as the cross-reference list with
comments, can turn printouts into the perfect
documentation for applications.



Html Pages

1 2 3 4 5 6 7 8