Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M28W640ECT10N1T Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce M28W640ECT10N1T
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT10N1T Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button M28W640ECT10N1T Datasheet HTML 33Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 34Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 35Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 36Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 37Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 38Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 39Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 40Page - STMicroelectronics M28W640ECT10N1T Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
37/55
M28W640ECT, M28W640ECB
Table 25. Bottom Boot Block Addresses,
M28W640ECB
#
Size
(KWord)
Address Range
134
32
3F8000-3FFFFF
133
32
3F0000-3F7FFF
132
32
3E8000-3EFFFF
131
32
3E0000-3E7FFF
130
32
3D8000-3DFFFF
129
32
3D0000-3D7FFF
128
32
3C8000-3CFFFF
127
32
3C0000-3C7FFF
126
32
3B8000-3BFFFF
125
32
3B0000-3B7FFF
124
32
3A8000-3AFFFF
123
32
3A0000-3A7FFF
122
32
398000-39FFFF
121
32
390000-397FFF
120
32
388000-38FFFF
119
32
380000-387FFF
118
32
378000-37FFFF
117
32
370000-377FFF
116
32
368000-36FFFF
115
32
360000-367FFF
114
32
358000-35FFFF
113
32
350000-357FFF
112
32
348000-34FFFF
111
32
340000-347FFF
110
32
338000-33FFFF
109
32
330000-337FFF
108
32
328000-32FFFF
107
32
320000-327FFF
106
32
318000-31FFFF
105
32
310000-317FFF
104
32
308000-30FFFF
103
32
300000-307FFF
102
32
2F8000-2FFFFF
101
32
2F0000-2F7FFF
100
32
2E8000-2EFFFF
99
32
2E0000-2E7FFF
98
32
2D8000-2DFFFF
97
32
2D0000-2D7FFF
96
32
2C8000-2CFFFF
95
32
2C0000-2C7FFF
94
32
2B8000-2BFFFF
93
32
2B0000-2B7FFF
92
32
2A8000-2AFFFF
91
32
2A0000-2A7FFF
90
32
298000-29FFFF
89
32
290000-297FFF
88
32
288000-28FFFF
87
32
280000-287FFF
86
32
278000-27FFFF
85
32
270000-277FFF
84
32
268000-26FFFF
83
32
260000-267FFF
82
32
258000-25FFFF
81
32
250000-257FFF
80
32
248000-24FFFF
79
32
240000-247FFF
78
32
238000-23FFFF
77
32
230000-237FFF
76
32
228000-22FFFF
75
32
220000-227FFF
74
32
218000-21FFFF
73
32
210000-217FFF
72
32
208000-20FFFF
71
32
200000-207FFF
70
32
1F8000-1FFFFF
69
32
1F0000-1F7FFF
68
32
1E8000-1EFFFF
67
32
1E0000-1E7FFF
66
32
1D8000-1DFFFF
65
32
1D0000-1D7FFF
64
32
1C8000-1CFFFF
63
32
1C0000-1C7FFF
62
32
1B8000-1BFFFF
61
32
1B0000-1B7FFF
60
32
1A8000-1AFFFF
59
32
1A0000-1A7FFF
58
32
198000-19FFFF
57
32
190000-197FFF
56
32
188000-18FFFF
55
32
180000-187FFF
54
32
178000-17FFFF
53
32
170000-177FFF
52
32
168000-16FFFF
51
32
160000-167FFF
50
32
158000-15FFFF
49
32
150000-157FFF
48
32
148000-14FFFF
47
32
140000-147FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55