| Moteur de recherche de fiches techniques de composants électroniques |
|
XISO6442DFPR Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6442DFPR Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 56 page ![]() 6.16 Switching Characteristics—3.3V Supply VCC1 = VCC2 = 3.3V ±10% (over recommended operating conditions unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT tPLH, tPHL Propagation delay time at 100kbps See Section 7 4 7 12 ns PWD Pulse width distortion(1) |tPHL – tPLH| 0.35 2.2 tsk(o) Channel-to-channel output skew time(2) Same-direction channels 1.5 ns tsk(pp) Part-to-part skew time(3) 3 tr Output signal rise time See Section 7 4 ns tf Output signal fall time 4 tPHZ Disable propagation delay, high-to-high impedance output See Section 7 14 ns tPLZ Disable propagation delay, low-to-high impedance output 12 tPZH Enable propagation delay, high impedance-to-high output for device with EN See Section 7 11 ns tPZL Enable propagation delay, high impedance-to-low output for device with EN 10 tPU Time from VCC UVLO to valid output data VCC ramp < 1µs 70 µs tDO Default output delay time from input power loss Measured from the time VCC goes below VCC_UVLO–(MIN). See Section 7 0.045 0.1 µs tie Time interval error 216 – 1 PRBS data at 100Mbps 0.2 ns (1) Also known as pulse skew. (2) tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same direction while driving identical loads. (3) tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same direction while operating at identical supply voltages, temperature, input signals and loads. ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 18 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |