| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6441FDFPR Fiches technique(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6441FDFPR Fiches technique(HTML) 45 Page - Texas Instruments |
|
45 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-May-2026 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO6440DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO6440 ISO6440FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO6440F ISO6441DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO6441 ISO6441FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO6441F ISO6442DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO6442 ISO6442FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 ISO6442F XISO6440DBQR Active Preproduction SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 XISO6440DFPR Active Preproduction SSOP (DFP) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6440DWR Active Preproduction SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6440FDBQR Active Preproduction SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 XISO6440FDFPR Active Preproduction SSOP (DFP) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6440FDWR Active Preproduction SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6441DBQR Active Preproduction SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 XISO6441DFPR Active Preproduction SSOP (DFP) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6441FDBQR Active Preproduction SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 XISO6441FDFPR Active Preproduction SSOP (DFP) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6442DBQR Active Preproduction SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 XISO6442DFPR Active Preproduction null (null) | 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6442DWR Active Preproduction SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6442FDBQR Active Preproduction SSOP (DBQ) | 16 2500 | LARGE T&R - Call TI Call TI -40 to 125 XISO6442FDFPR Active Preproduction SSOP (DFP) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 XISO6442FDWR Active Preproduction SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -40 to 125 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |