| Moteur de recherche de fiches techniques de composants électroniques |
|
APD03N60AI Fiches technique(PDF) 2 Page - A POWER MICROELECTRONICS |
|
|
|||||||||||||||||||||||||||||
APD03N60AI Fiches technique(HTML) 2 Page - A POWER MICROELECTRONICS |
|
2 / 7 page ![]() APD03N60AI 600V N-Channel Depletion Mode MOSFET APD03N60AI RVE1.0 臺灣永源微電子科技有限公司 Electrical Characteristics (TC=25℃unless otherwise noted) Notes: 1 、Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature 2 、 Pulse Test: Pulse Width≤300μs, Duty Cycle≤0.5% Symbol Parameter Test Condition Min. Typ. Max. Units V(BR)DSS Drain-Source Breakdown Voltage VGS= -5V, ID =250μA 600 - - V ID(off) Off-state Drain to Source Current VDS=600V, VGS= -5V,TJ=25°C - - 0.1 μA VDS=480V, VGS=-5V,TJ=125°C - - 10 μA IGSS Gate to Source Leakage Current VDS =0V, VGS = ±20V - - ±100 nA IDSS On-state drain current VGS=0V, VDS=25V 12 - - mA VGS(th) Gate Threshold Voltage VDS=3V, ID =8μA -2.7 -1.8 -1.0 V RDS(on) Static Drain-Source on-Resistance note2 VGS=0V, ID=3mA - 350 700 Ω VGS=10V, ID=16mA - 400 800 Ciss Input Capacitance VDS =25V, VGS =-5V, f = 1.0MHz - 50 - pF Coss Output Capacitance - 4.53 - pF Crss Reverse Transfer Capacitance - 1.08 - pF Qg Total Gate Charge VDS =400V, ID =0.01A, VGS =-5V to 5V - 1.14 - nC Qgs Gate-Source Charge - 0.5 - nC Qgd Gate- Drain(“Miller”) Charge - 0.37 - nC td(on) Turn-on Delay Time VDS=300V, ID=0.01A, RGEN =6Ω, VGS =-5V to 7V - 9.9 - ns tr Turn-on Rise Time - 55.8 - ns td(off) Turn-off Delay Time - 56.4 - ns tf Turn-off Fall Time - 136 - ns IS Maximum Continuous Drain to Source Diode Forward Current - - 0.03 A ISM Maximum Pulsed Drain to Source Diode Forward Current - - 0.12 A VSD Diode Forward Voltage IF=16mA, VGS=-5V - - 1.2 V trr Reverse Recovery Time VGS =-5V, IF=0.01A, di/dt=100A/μs - 243 - ns Qrr Reverse Recovery Charge - 636 - nC |