Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6442DFPRQ1 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce ISO6442DFPRQ1
Description  ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6442DFPRQ1 Fiches technique(HTML) 3 Page - Texas Instruments

  ISO6442DFPRQ1 Datasheet HTML 1Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 2Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 3Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 4Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 5Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 6Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 7Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 8Page - Texas Instruments ISO6442DFPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
4 Device Comparison
Table 4-1. Device Comparison Table
DEVICE NAME
TOTAL
CHANNELS
REVERSE
CHANNELS
DEFAULT
OUTPUT
PACKAGE
CREEPAGE &
CLEARANCE
VDE
RATING
UL VISO
CMTI
ISO6440DWRQ1
4
0
HIGH
Wide-SOIC
(DW-16)
>8.15mm
Reinforced
5000VRMS
±250kV/μs
typical,
±200kV/μs
minimum
ISO6440FDWRQ1
LOW
ISO6441DWRQ1
1
HIGH
ISO6441FDWRQ1
LOW
ISO6442DWRQ1
2
HIGH
ISO6442FDWRQ1
LOW
ISO6440DFPRQ1
4
0
HIGH
Wide-SSOP
(DFP-16)
>8mm
Reinforced
5000VRMS
±250kV/μs
typical,
±200kV/μs
minimum
ISO6440FDFPRQ1
LOW
ISO6441DFPRQ1
1
HIGH
ISO6441FDFPRQ1
LOW
ISO6442DFPRQ1
2
HIGH
ISO6442FDFPRQ1
LOW
ISO6440DBQRQ1
4
0
HIGH
SSOP
(DBQ-16)
>3.7mm
Basic
3000VRMS
±180kV/μs
typical,
±150kV/μs
minimum
ISO6440FDBQRQ1
LOW
ISO6441DBQRQ1
1
HIGH
ISO6441FDBQRQ1
LOW
ISO6442DBQRQ1
2
HIGH
ISO6442FDBQRQ1
LOW
ISO64 Xx Y PKG R Q1
Package Designator
D = SOIC
DBQ = SSOP
DFP = Wide-SSOP
DW = Wide-SOIC
DWV = Wide-SOIC
Tape & Reel
Y = Default Output Level:
Y = Blank (no su x) for default output HIGH
Y = F for default output LOW
X = Total number of channels
x = Number of reverse channels
Digital Isola on Family
Automo ve AEC-Q100 Qualified
Figure 4-1. Device Nomenclature
www.ti.com
ISO6440-Q1, ISO6441-Q1, ISO6442-Q1
SLLSG11 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44