| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6440FDWR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6440FDWR Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 56 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings See(1) MIN MAX UNIT Supply voltage (2) VCC1 to GND1 -0.5 6 V VCC2 to GND2 -0.5 6 Digital Input Voltage INx to GNDx -0.5 6 V Digital Input Voltage ENx to GNDx -0.5 6 V Digital Output Voltage OUTx to GNDx -0.5 VCCX + 0.5 (3) V Digital Output current IO -15 15 mA Temperature Operating junction temperature, TJ 150 °C Storage temperature, Tstg -65 150 °C (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime. (2) All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak voltage values (3) Maximum voltage must not exceed 6V. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ ESDA/JEDEC JS-001, all pins(1) ±2000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±1500 (1) JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 6 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |