| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6440FDFPRQ1 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6440FDFPRQ1 Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 44 page ![]() 6.5 Power Ratings PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ISO6440-Q1 (default high) and ISO6440F-Q1 (default low, with F suffix) PD Maximum power dissipation (both sides) VCC1 = VCC2 = 5.5V, TJ = 150°C, CL = 15pF, Input a 75MHz 50% duty cycle square wave 268.2 mW PD1 Maximum power dissipation (side-1) 58.1 mW PD2 Maximum power dissipation (side-2) 210.1 mW ISO6441-Q1 (default high) and ISO6441F-Q1 (default low, with F suffix) PD Maximum power dissipation (both sides) VCC1 = VCC2 = 5.5V, TJ = 150°C, CL =15pF, Input a 75MHz 50% duty cycle square wave 262.2 mW PD1 Maximum power dissipation (side-1) 94.1 mW PD2 Maximum power dissipation (side-2) 168.1 mW ISO6442-Q1 (default high) and ISO6442F-Q1 (default low, with F suffix) PD Maximum power dissipation (both sides) VCC1 = VCC2 = 5.5V, TJ = 150°C, CL = 15pF, Input a 75MHz 50% duty cycle square wave 268 mW PD1 Maximum power dissipation (side-1) 134 mW PD2 Maximum power dissipation (side-2) 134 mW ISO6440-Q1, ISO6441-Q1, ISO6442-Q1 SLLSG11 – APRIL 2026 www.ti.com 8 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1 |