| Moteur de recherche de fiches techniques de composants électroniques |
|
ISO6440DFPRQ1 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6440DFPRQ1 Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 44 page ![]() 4 Device Comparison Table 4-1. Device Comparison Table DEVICE NAME TOTAL CHANNELS REVERSE CHANNELS DEFAULT OUTPUT PACKAGE CREEPAGE & CLEARANCE VDE RATING UL VISO CMTI ISO6440DWRQ1 4 0 HIGH Wide-SOIC (DW-16) >8.15mm Reinforced 5000VRMS ±250kV/μs typical, ±200kV/μs minimum ISO6440FDWRQ1 LOW ISO6441DWRQ1 1 HIGH ISO6441FDWRQ1 LOW ISO6442DWRQ1 2 HIGH ISO6442FDWRQ1 LOW ISO6440DFPRQ1 4 0 HIGH Wide-SSOP (DFP-16) >8mm Reinforced 5000VRMS ±250kV/μs typical, ±200kV/μs minimum ISO6440FDFPRQ1 LOW ISO6441DFPRQ1 1 HIGH ISO6441FDFPRQ1 LOW ISO6442DFPRQ1 2 HIGH ISO6442FDFPRQ1 LOW ISO6440DBQRQ1 4 0 HIGH SSOP (DBQ-16) >3.7mm Basic 3000VRMS ±180kV/μs typical, ±150kV/μs minimum ISO6440FDBQRQ1 LOW ISO6441DBQRQ1 1 HIGH ISO6441FDBQRQ1 LOW ISO6442DBQRQ1 2 HIGH ISO6442FDBQRQ1 LOW ISO64 Xx Y PKG R Q1 Package Designator D = SOIC DBQ = SSOP DFP = Wide-SSOP DW = Wide-SOIC DWV = Wide-SOIC Tape & Reel Y = Default Output Level: Y = Blank (no su x) for default output HIGH Y = F for default output LOW X = Total number of channels x = Number of reverse channels Digital Isola on Family Automo ve AEC-Q100 Qualified Figure 4-1. Device Nomenclature www.ti.com ISO6440-Q1, ISO6441-Q1, ISO6442-Q1 SLLSG11 – APRIL 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: ISO6440-Q1 ISO6441-Q1 ISO6442-Q1 |