Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO6440F Fiches technique(PDF) 49 Page - Texas Instruments

No de pièce ISO6440F
Description  ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6440F Fiches technique(HTML) 49 Page - Texas Instruments

Back Button ISO6440F Datasheet HTML 45Page - Texas Instruments ISO6440F Datasheet HTML 46Page - Texas Instruments ISO6440F Datasheet HTML 47Page - Texas Instruments ISO6440F Datasheet HTML 48Page - Texas Instruments ISO6440F Datasheet HTML 49Page - Texas Instruments ISO6440F Datasheet HTML 50Page - Texas Instruments ISO6440F Datasheet HTML 51Page - Texas Instruments ISO6440F Datasheet HTML 52Page - Texas Instruments ISO6440F Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
www.ti.com
GENERIC PACKAGE VIEW
This image is a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
SOIC - 2.65 mm max height
DW 16
SMALL OUTLINE INTEGRATED CIRCUIT
7.5 x 10.3, 1.27 mm pitch
4224780/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com