Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34116B1 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M34116B1
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116B1 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M34116B1 Datasheet HTML 15Page - STMicroelectronics M34116B1 Datasheet HTML 16Page - STMicroelectronics M34116B1 Datasheet HTML 17Page - STMicroelectronics M34116B1 Datasheet HTML 18Page - STMicroelectronics M34116B1 Datasheet HTML 19Page - STMicroelectronics M34116B1 Datasheet HTML 20Page - STMicroelectronics M34116B1 Datasheet HTML 21Page - STMicroelectronics M34116B1 Datasheet HTML 22Page - STMicroelectronics M34116B1 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PLCC28 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.32
12.57
0.485
0.495
B
11.43
11.58
0.450
0.456
D
4.2
4.57
0.165
0.180
D1
2.29
3.04
0.090
0.120
D2
0.51
0.020
E
9.91
10.92
0.390
0.430
e
1.27
0.050
e3
7.62
0.300
F
0.46
0.018
F1
0.71
0.028
G
0.101
0.004
M
1.24
0.049
M1
1.143
0.045
M34116
21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23