| Moteur de recherche de fiches techniques de composants électroniques |
|
M34116 Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34116 Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 23 page ![]() F1 F0 B7 B6 B5 B4 B3 B2 B1 B0 00 +FULL SCALE MIN LEVELS –FULL SCALE 1 1 0 0 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 00 +FULL SCALE MIN LEVELS –FULL SCALE 1 1 0 0 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 10 +FULL SCALE MIN LEVELS –FULL SCALE 1 1 0 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 Table 1 : PCM Byte Format. B7 (sign–bit) is the MSB and B0 is the LSB. F1–F0 corresponds to D5–D4 in the byte of the Operating Mode Instruction (instruction 5). Figure 11: Overflow Control with µP Interactive Procedure M34116 15/23 |