| Moteur de recherche de fiches techniques de composants électroniques |
|
KL45FSK Fiches technique(PDF) 9 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL45FSK Fiches technique(HTML) 9 Page - APEM |
|
9 / 16 page ![]() Locking power rocker switches KL series UNLOCKING ACTUATOR BASIC P/N ACTUATOR CASE + LEDS 1 Blue 1/4 Dark blue 2 Black 3 Green 4 Grey HARD PLASTIC (ABS) Y Yellow R Red G Green ELASTOMER MARKING ORIENTATION BASIC P/N ACTUATOR CASE + LEDS If no marking required, complete the box with code N. Other orientations : on request CKLMA1-A CKLMA2-A FICHIER: CKLMA-P3 le 18/03/08 ECHELLE: 0.625 indice A 3 2 1 6 5 4 OFF ON 4 5 6 1 2 3 A B N SYMBOLS BASIC P/N ACTUATOR CASE + LEDS A XX No symbol Available symbols Complete each enlarged box with the one of the codes listed on the following pages. Laser etching resistance - Water and petrol resistant acccording to EN61058-1 - Tear resistant (cross-cut test) according to NF ISO 2409 : class 0 - UV resistant according to ISO 4892-2 Marking area The symbol will be included in the hatched area. For non-illuminated versions CKLMA1-A CKLMA2-A FICHIER: CKLMA-P3 le 18/03/08 ECHELLE: 0.625 indice A 3 2 1 6 5 4 OFF ON 4 5 6 1 2 3 A B B (.551) 14.00 ECHELLE: 0.625 le 18/03/08 FICHIER: CKLZL-P9 indice A CKLZL1-A 13.20 (.520) (.520) 13.20 CKLZL2-A 14.00 (.551) For illuminated versions 5 Yellow 6 Red 7 Ivory 9 Orange 9 |