| Moteur de recherche de fiches techniques de composants électroniques |
|
HVC375B Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HVC375B Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.1.00, Jul.24.2003, page 1 of 4 HVC375B Variable Capacitance Diode for VCO REJ03G0064-0100Z (Previous: ADE-208-625) Rev.1.00 Jul.24.2003 Features • Narrow terminal Capacitance deviation. • Low series resistance. (r S = 1.1 Ω max) • Good C-V linearity. • Ultra small Flat Package (UFP) is suitable for surface mount design. Ordering Information Type No. Laser Mark Package Code HVC375B B8 UFP Pin Arrangement 12 B8 1. Cathode 2. Anode Mark Cathode mark |
Numéro de pièce similaire - HVC375B |
|
Description similaire - HVC375B |