Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M29W320DB Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce M29W320DB
Description  32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320DB Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button M29W320DB Datasheet HTML 25Page - STMicroelectronics M29W320DB Datasheet HTML 26Page - STMicroelectronics M29W320DB Datasheet HTML 27Page - STMicroelectronics M29W320DB Datasheet HTML 28Page - STMicroelectronics M29W320DB Datasheet HTML 29Page - STMicroelectronics M29W320DB Datasheet HTML 30Page - STMicroelectronics M29W320DB Datasheet HTML 31Page - STMicroelectronics M29W320DB Datasheet HTML 32Page - STMicroelectronics M29W320DB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
M29W320DT, M29W320DB
Maximum rating
29/56
6
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may
cause permanent damage to the device. Exposure to Absolute Maximum Rating conditions
for extended periods may affect device reliability. These are stress ratings only and
operation of the device at these or any other conditions above those indicated in the
Operating sections of this specification is not implied. Refer also to the STMicroelectronics
SURE Program and other relevant quality documents.
Table 8.
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
TBIAS
Temperature Under Bias
–50
125
°C
TSTG
Storage Temperature
–65
150
°C
VIO
Input or Output Voltage(1)(2)
1.
Minimum voltage may undershoot to –2V during transition and for less than 20ns during transitions.
2.
Maximum voltage may overshoot to VCC +2V during transition and for less than 20ns during transitions.
–0.6
VCC +0.6
V
VCC
Supply Voltage
–0.6
4
V
VID
Identification Voltage
–0.6
13.5
V
VPP
Program Voltage
–0.6
13.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56