Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KB900AB1/4AL Fiches technique(PDF) 2 Page - APEM

No de pièce KB900AB1/4AL
Description  CONTROL KNOBS, MACHINED ALUMINUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEM [APEM]
Site Internet  www.apem.com
Logo APEM - APEM

KB900AB1/4AL Fiches technique(HTML) 2 Page - APEM

  KB900AB1/4AL Datasheet HTML 1Page - APEM KB900AB1/4AL Datasheet HTML 2Page - APEM KB900AB1/4AL Datasheet HTML 3Page - APEM KB900AB1/4AL Datasheet HTML 4Page - APEM KB900AB1/4AL Datasheet HTML 5Page - APEM KB900AB1/4AL Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U
U2
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
42004 SERIES
Straight knurl with plastic insert and line indicator on top
42005 SERIES
Solid aluminum with straight knurl and arrowhead indicator on top
42006 SERIES
Straight knurl with plastic insert and line indicator on top and side
42007 SERIES
Serrated diamond trim with plastic insert and dot indicator on top
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
MODEL (Color-natural)
MODEL (Color-black)
ABC
D
E
F
G
420041A1/8*
420041B1/8*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.480 (12.2)
.788 (20)
.520 (13.2)
.453 (11.5)
420041A1/4*
420041B1/4*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.480 (12.2)
.788 (20)
.520 (13.2)
.453 (11.5)
420043A1/4
420043B1/4
.748 (19.0)
.728 (18.5)
.524 (13.3)
.728 (18.5)
.788 (20)
.520 (13.2)
.453 (11.5)
420045A1/4
420045B1/4
.929 (23.6)
.870 (22.1)
.720 (18.3)
.870 (22.1)
.788 (20)
.520 (13.2)
.453 (11.5)
MODEL (Color-natural) MODEL (Color-black)
A
B
CDE
F
G
420051A1/8*
420051B1/8*
.500 (12.7)
.480(12.2)
.378 (9.6)
.480 (12.2)
.638 (16.2)
.520 (13.2)
.453 (11.5)
420051A1/4*
420051B1/4*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.480 (12.2)
.638 (16.2)
.520 (13.2)
.453 (11.5)
420053A1/4
420053B1/4
.748 (19.0)
.728 (18.5)
.524 (13.3)
.728 (18.5)
.638 (16.2)
.520 (13.2)
.453 (11.5)
420055A1/4
420055B1/4
.929 (23.6)
.870 (23.2)
.720 (18.3)
.870 (23.2)
.638 (16.2)
.520 (13.2)
.453 (11.5)
MODEL (Color-natural)
MODEL (Color-black)
A
B
CDE
F
G
420061A1/8*
420061B1/8*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.280 (7.1)
.638 (16.2)
.520 (13.2)
.524 (13.3)
420061A1/4*
420061B1/4*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.280 (7.1)
.638 (16.2)
.520 (13.2)
.524 (13.3)
420063A1/4
420063B1/4
.748 (19.0)
.728 (18.5)
.524 (13.3)
.280 (7.1)
.638 (16.2)
.520 (13.2)
.524 (13.3)
420065A1/4
420065B1/4
.940 (23.9)
.870 (23.2)
.720 (18.3)
.280 (7.1)
.638 (16.2)
.520(13.2)
.524 (13.3)
420067A1/4
420067B1/4
1.248 (31.7)
1.220 (31.0)
1.030 (26.2)
.280 (7.1)
.638 (16.2)
.512 (130)
.531 (13.5)
MODEL (Color-natural)
MODEL (Color-black)
A
B
C
D
E
F
G
420071A1/8*
420071B1/8*
.370 (9.4)
.268 (6.8)
.276 (7.0)
.091 (2.3)
.200 (5.1)
.240 (6.1)
.300 (7.6)
420072A1/8*
420072B1/8*
.370 (9.4)
.268 (6.8)
.276 (7.0)
.091 (2.3)
.200 (5.1)
.358 (9.1)
.449 (11.4)
420072A1/4*
420072B1/4*
.370 (9.4)
.268 (6.8)
.276 (7.0)
.091 (2.3)
.200 (5.1)
.358 (9.1)
.449 (11.4)
420073A1/8*
420073B1/8*
.492 (12.5)
.386 (9.8)
.380 (9.7)
.120 (3.1)
.280 (7.1)
.512 (13.0)
.598 (15.2)
420073A1/4*
420073B1/4*
.492 (12.5)
.386 (9.8)
.380 (9.7)
.120 (3.1)
.280 (7.1)
.512 (13.0)
.598 (15.2)
420074A1/4
420074B1/4
.748 (19.0)
.650 (16.5)
.587 (14.9)
.120 (3.1)
.280 (7.1)
.512 (13.0)
.598 (15.2)
* indicates solid
aluminum knob
* indicates solid
aluminum knob
* indicates solid
aluminum knob
* indicates solid aluminum knob
Note: 420041A1/8 & 420041A1/4 have only one set screw.
Note: 420051A1/8 & 420051A1/4 have only one set screw.
Note: 420061A1/8 & 420061A1/4 have only one set screw.
Note: 420071A1/8 & 420072A1/8 have only one set screw.
* indicates solid
aluminum knob



Html Pages

1 2 3 4 5 6