| Moteur de recherche de fiches techniques de composants électroniques |
|
KB500AB1/8AL Fiches technique(PDF) 5 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KB500AB1/8AL Fiches technique(HTML) 5 Page - APEM |
|
5 / 6 page ![]() U U5 APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com KN SERIES Solid aluminum with straight knurl and line indicator on side Notes: Dims. in inches & (millimeters). Shaft size is last 3 digits of Model No. KNS SERIES Solid aluminum with straight knurl and arrowhead indicator on skirt MODEL (Two-toned) COLOR (Body-top) A B C D E F G KN500AB1/8 Natural & Blk. .500 (12.7) .450 (11.4) .380 (9.65) .450 (11.4) .630 (16.0) .510 (13.0) .460 (11.7) KN500AB1/4 Natural & Blk. .500 (12.7) .450 (11.4) .380 (9.65) .450 (11.4) .630 (16.0) .510 (13.0) .460 (11.7) KN500BA1/8 Blk. & Natural .500 (12.7) .450 (11.4) .380 (9.65) .450 (11.4) .630 (16.0) .510 (13.0) .460 (11.7) KN500BA1/4 Blk. & Natural .500 (12.7) .450 (11.4) .380 (9.65) .450 (11.4) .630 (16.0) .510 (13.0) .460 (11.7) KN700AB1/4 Natural & Blk. .750 (19.0) .700 (17.8) .590 (14.9) .700 (17.8) .630 (16.0) .510 (13.0) .460 (11.7) KN700BA1/4 Blk. & Natural .750 (19.0) .700 (17.8) .590 (14.9) .700 (17.8) .630 (16.0) .510 (13.0) .460 (11.7) KN900AB1/4 Natural & Blk. .940 (23.9) .880 (22.3) .710 (18.0) .800 (22.3) .630 (16.0) .510 (13.0) .460 (11.7) KN900BA1/4 Blk. & Natural .940 (23.9) .880 (22.3) .710 (18.0) .800 (22.3) .630 (16.0) .510 (13.0) .460 (11.7) KN1250AB1/4 Natural & Blk. 1.25 (31.7) 1.20 (30.5) .980 (24.9) 1.20 (30.5) .630 (16.0) .510 (13.0) .460 (11.7) KN1250BA1/4 Blk. & Natural 1.25 (31.7) 1.20 (30.5) .980 (24.9) 1.20 (30.5) .630 (16.0) .510 (13.0) .460 (11.7) MODEL COLOR A B C D E F G KNS501A1/8 Natural .500 (12.7) .450 (11.4) .380 (9.65) .750 (19.0) .630 (16.0) .510 (13.0) .430 (10.9) KNS501A1/4 Natural .500 (12.7) .450 (11.4) .380 (9.65) .750 (19.0) .630 (16.0) .510 (13.0) .430 (10.9) KNS501B1/8 Black .500 (12.7) .450 (11.4) .380 (9.65) .750 (19.0) .630 (16.0) .510 (13.0) .430 (10.9) KNS501B1/4 Black .500 (12.7) .450 (11.4) .380 (9.65) .750 (19.0) .630 (16.0) .510 (13.0) .430 (10.9) KNS701A1/4 Natural .750 (19.0) .700 (17.8) .590 (14.9) 1.13 (28.3) .630 (16.0) .510 (13.0) .430 (10.9) KNS701B1/4 Black .750 (19.0) .700 (17.8) .590 (14.9) 1.13 (28.3) .630 (16.0) .510 (13.0) .430 (10.9) TWO-TONED BODY-TOP-SKIRT KNS501BA1/8 Blk.& Natural .500 (12.7) .450 (11.4) .380 (9.65) .750 (19.0) .630 (16.0) .510 (13.0) .430 (10.9) KNS501BA1/4 Blk.& Natural .500 (12.7) .450 (11.4) .380 (9.65) .750 (19.0) .630 (16.0) .510 (13.0) .430 (10.9) KNS701BA1/8 Blk.& Natural .750 (19.0) .700 (17.8) .590 (14.9) 1.13 (28.3) .630 (16.0) .510 (13.0) .430 (10.9) KNS701BA1/4 Blk.& Natural .750 (19.0) .700 (17.8) .590 (14.9) 1.13 (28.3) .630 (16.0) .510 (13.0) .430 (10.9) |