| Moteur de recherche de fiches techniques de composants électroniques |
|
KB700A1/4AL Fiches technique(PDF) 2 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KB700A1/4AL Fiches technique(HTML) 2 Page - APEM |
|
2 / 6 page ![]() U U2 APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com 42004 SERIES Straight knurl with plastic insert and line indicator on top 42005 SERIES Solid aluminum with straight knurl and arrowhead indicator on top 42006 SERIES Straight knurl with plastic insert and line indicator on top and side 42007 SERIES Serrated diamond trim with plastic insert and dot indicator on top Notes: Dims. in inches & (millimeters). Shaft size is last 3 digits of Model No. MODEL (Color-natural) MODEL (Color-black) ABC D E F G 420041A1/8* 420041B1/8* .500 (12.7) .480 (12.2) .378 (9.6) .480 (12.2) .788 (20) .520 (13.2) .453 (11.5) 420041A1/4* 420041B1/4* .500 (12.7) .480 (12.2) .378 (9.6) .480 (12.2) .788 (20) .520 (13.2) .453 (11.5) 420043A1/4 420043B1/4 .748 (19.0) .728 (18.5) .524 (13.3) .728 (18.5) .788 (20) .520 (13.2) .453 (11.5) 420045A1/4 420045B1/4 .929 (23.6) .870 (22.1) .720 (18.3) .870 (22.1) .788 (20) .520 (13.2) .453 (11.5) MODEL (Color-natural) MODEL (Color-black) A B CDE F G 420051A1/8* 420051B1/8* .500 (12.7) .480(12.2) .378 (9.6) .480 (12.2) .638 (16.2) .520 (13.2) .453 (11.5) 420051A1/4* 420051B1/4* .500 (12.7) .480 (12.2) .378 (9.6) .480 (12.2) .638 (16.2) .520 (13.2) .453 (11.5) 420053A1/4 420053B1/4 .748 (19.0) .728 (18.5) .524 (13.3) .728 (18.5) .638 (16.2) .520 (13.2) .453 (11.5) 420055A1/4 420055B1/4 .929 (23.6) .870 (23.2) .720 (18.3) .870 (23.2) .638 (16.2) .520 (13.2) .453 (11.5) MODEL (Color-natural) MODEL (Color-black) A B CDE F G 420061A1/8* 420061B1/8* .500 (12.7) .480 (12.2) .378 (9.6) .280 (7.1) .638 (16.2) .520 (13.2) .524 (13.3) 420061A1/4* 420061B1/4* .500 (12.7) .480 (12.2) .378 (9.6) .280 (7.1) .638 (16.2) .520 (13.2) .524 (13.3) 420063A1/4 420063B1/4 .748 (19.0) .728 (18.5) .524 (13.3) .280 (7.1) .638 (16.2) .520 (13.2) .524 (13.3) 420065A1/4 420065B1/4 .940 (23.9) .870 (23.2) .720 (18.3) .280 (7.1) .638 (16.2) .520(13.2) .524 (13.3) 420067A1/4 420067B1/4 1.248 (31.7) 1.220 (31.0) 1.030 (26.2) .280 (7.1) .638 (16.2) .512 (130) .531 (13.5) MODEL (Color-natural) MODEL (Color-black) A B C D E F G 420071A1/8* 420071B1/8* .370 (9.4) .268 (6.8) .276 (7.0) .091 (2.3) .200 (5.1) .240 (6.1) .300 (7.6) 420072A1/8* 420072B1/8* .370 (9.4) .268 (6.8) .276 (7.0) .091 (2.3) .200 (5.1) .358 (9.1) .449 (11.4) 420072A1/4* 420072B1/4* .370 (9.4) .268 (6.8) .276 (7.0) .091 (2.3) .200 (5.1) .358 (9.1) .449 (11.4) 420073A1/8* 420073B1/8* .492 (12.5) .386 (9.8) .380 (9.7) .120 (3.1) .280 (7.1) .512 (13.0) .598 (15.2) 420073A1/4* 420073B1/4* .492 (12.5) .386 (9.8) .380 (9.7) .120 (3.1) .280 (7.1) .512 (13.0) .598 (15.2) 420074A1/4 420074B1/4 .748 (19.0) .650 (16.5) .587 (14.9) .120 (3.1) .280 (7.1) .512 (13.0) .598 (15.2) * indicates solid aluminum knob * indicates solid aluminum knob * indicates solid aluminum knob * indicates solid aluminum knob Note: 420041A1/8 & 420041A1/4 have only one set screw. Note: 420051A1/8 & 420051A1/4 have only one set screw. Note: 420061A1/8 & 420061A1/4 have only one set screw. Note: 420071A1/8 & 420072A1/8 have only one set screw. * indicates solid aluminum knob |