Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KB500A1/4AL Fiches technique(PDF) 3 Page - APEM

No de pièce KB500A1/4AL
Description  CONTROL KNOBS, MACHINED ALUMINUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEM [APEM]
Site Internet  www.apem.com
Logo APEM - APEM

KB500A1/4AL Fiches technique(HTML) 3 Page - APEM

  KB500A1/4AL Datasheet HTML 1Page - APEM KB500A1/4AL Datasheet HTML 2Page - APEM KB500A1/4AL Datasheet HTML 3Page - APEM KB500A1/4AL Datasheet HTML 4Page - APEM KB500A1/4AL Datasheet HTML 5Page - APEM KB500A1/4AL Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U
U3
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
42008 SERIES
Square serrations with plastic insert and line indicator on side
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
42009 SERIES
Straight knurl with plastic insert and line indicator on top and chamfer around top
42011 SERIES
Smooth finish with plastic insert and line indicator on top
42012 SERIES
Straight knurl with plastic insert and line indicator on top
MODEL (Color-natural)
A
B
C
420121A1/8
.732 (18.6)
.374 (9.5)
.472 (12.0)
420121A1/4
.732 (18.6)
.374 (9.5)
.472 (12.0)
420122A1/4
.898 (22.8)
.433 (11.0)
.512 (13.0)
420123A1/4
1.280 (32.5)
.492 (12.5)
.551 (14.0)
420124A1/4
1.512 (38.4)
.531 (13.5)
.630 (16.0)
MODEL (Color-natural)
MODEL(Color-black)
ABC
420111A1/8
420111B1/8
.709 (18.0)
.374 (9.5)
.472 (12.0)
420111A1/4
420111B1/4
.709 (18.0)
.374 (9.5)
.472 (12.0)
420112A1/4
420112B1/4
.874 (22.2)
.433 (11.0)
.512 (13.0)
420113A1/4
420113B1/4
1.255 (31.9)
.492 (12.5)
.551 (14.0)
420114A1/4
420114B1/4
1.488 (37.8)
.531 (13.5)
.630 (16.0)
MODEL (Color black)
ABC
420091B1/8
.732 (18.6)
.374 (9.5)
.472 (12.0)
420091B1/4
.732 (18.6)
.374 (9.5)
.472 (12.0)
420092B1/4
.898 (22.8)
.433 (11.0)
.512 (13.0)
420093B1/4
1.280 (32.5)
.492 (12.5)
.551 (14.0)
420094B1/4
1.512 (38.4)
.531 (13.5)
.630 (16.0)
Note: Knob color is black only for this Series.
MODEL (Color-natural)
MODEL (Color-black)
A
B
C
D
E
F
G
420081A1/8*
420081B1/8*
.500 (12.7)
.402 (10.2)
.380 (9.7)
.402 (10.2)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420081A1/4*
420081B1/4*
.500 (12.7)
.402 (10.2)
.380 (9.7)
.402 (10.2)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420083A1/4
420083B1/4
.748 (19.0)
.681 (17.3)
.587 (14.9)
.681 (17.3)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420085A1/4
420085B1/4
.940 (23.9)
.870 (22.1)
.709 (18.0)
.870 (22.1)
.280 (7.1)
.512 (13.0)
.630 (16.0)
420087A1/4
420087B1/4
1.248 (31.7)
1.165 (29.6)
.985 (25)
1.165 (29.6)
.280 (7.1)
.630 (16.0)
.630 (16.0)
* indicates solid
aluminum knob
Note: 420081A1/8 & 420081A1/4 have only one set screw.
* indicates solid
aluminum knob
* indicates solid
aluminum knob
* indicates solid
aluminum knob



Html Pages

1 2 3 4 5 6