| Moteur de recherche de fiches techniques de composants électroniques |
|
42011 Fiches technique(PDF) 4 Page - APEM |
|
|
|||||||||||||||||||||||||||||
42011 Fiches technique(HTML) 4 Page - APEM |
|
4 / 6 page ![]() U U4 APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com KB SERIES Solid aluminum with straight knurl and line indicator on top Notes: Dims. in inches & (millimeters). Shaft size is last 3 digits of Model No. KHF SERIES Solid aluminum with smooth finish and sawcut indicator on top and side KN SERIES Solid aluminum with straight knurl and arrowhead indicator on top MODEL COLOR A B C D E F G KB500A1/8AL Natural .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB500A1/4AL Natural .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB500B1/8AL Black .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB500B1/4AL Black .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB700A1/4AL Natural .750 (19.0) .680 (17.3) .590 (15.0) .710 (18.0) .790 (20.0) .630 (16.0) .610 (15.5) KB700B1/4AL Black .750 (19.0) .680 (17.3) .590 (15.0) .710 (18.0) .790 (20.0) .630 (16.0) .610 (15.5) KB900A1/4AL Natural .930 (23.6) .870 (22.1) .710 (18.0) .900 (22.9) .790 (20.0) .630 (16.0) .610 (15.5) KB900B1/4AL Black .930 (23.6) .870 (22.1) .710 (18.0) .900 (22.9) .790 (20.0) .630 (16.0) .610 (15.5) TWO-TONED BODY-TOP KB500AB1/8AL NTL. & BLK. .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB500AB1/4AL NTL. & BLK. .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB500BA1/8AL BLK. & NTL. .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB500BA1/4AL BLK. & NTL. .500 (12.7) .430 (10.9) .390 (9.90) .470 (11.9) .790 (20.0) .630 (16.0) .610 (15.5) KB700AB1/4AL NTL. & BLK. .750 (19.0) .680 (17.3) .590 (15.0) .710 (18.0) .790 (20.0) .630 (16.0) .610 (15.5) KB700BA1/4AL BLK. & NTL. .750 (19.0) .680 (17.3) .590 (15.0) .710 (18.0) .790 (20.0) .630 (16.0) .610 (15.5) KB900AB1/4AL NTL. & BLK. .930 (23.6) .870 (22.1) .710 (18.0) .900 (22.9) .790 (20.0) .630 (16.0) .610 (15.5) KB900BA1/4AL BLK. & NTL. .930 (23.6) .870 (22.1) .710 (18.0) .900 (22.9) .790 (20.0) .630 (16.0) .610 (15.5) MODEL (Color-natural) A B C D E KHF500A1/4 .500 (12.7) .380 (9.65) .120 (3.05) .340 (8.64) .560 (14.2) KHF700A1/4 .750 (19.0) .590 (14.90) .120 (3.05) .580 (14.7) .560 (14.2) KHF900A1/4 .940 (23.9) .710 (18.0) .120 (3.05) .780 (19.8) .560 (14.2) KHF1250A1/4 1.25 (31.8) .980 (24.9) .120 (3.05) 1.09 (27.7) .560 (14.2) MODEL (Two-toned) COLOR (Body-top) A B C D E F G KN501BA1/8 Blk. & Natural .500 (12.7) .450 (11.4) .380 (9.65) .450 (11.4) .630 (16.0) .510 (13.0) .460 (11.7) KN501BA1/4 Blk. & Natural .500 (12.7) .450 (11.4) .380 (9.65) .450 (11.4) .630 (16.0) .510 (13.0) .460 (11.7) KN701BA1/8 Blk. & Natural .750 (19.0) .680 (17.3) .590 (15.0) .700 (17.8) .630 (16.0) .510 (13.0) .460 (11.7) KN701BA1/4 Blk. & Natural .750 (19.0) .680 (17.3) .590 (15.0) .700 (17.8) .630 (16.0) .510 (13.0) .460 (11.7) |