Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KL353AX Fiches technique(PDF) 9 Page - APEM

No de pièce KL353AX
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEM [APEM]
Site Internet  www.apem.com
Logo APEM - APEM

KL353AX Fiches technique(HTML) 9 Page - APEM

Back Button KL353AX Datasheet HTML 5Page - APEM KL353AX Datasheet HTML 6Page - APEM KL353AX Datasheet HTML 7Page - APEM KL353AX Datasheet HTML 8Page - APEM KL353AX Datasheet HTML 9Page - APEM KL353AX Datasheet HTML 10Page - APEM KL353AX Datasheet HTML 11Page - APEM KL353AX Datasheet HTML 12Page - APEM KL353AX Datasheet HTML 13Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Locking power rocker switches
KL series
UNLOCKING ACTUATOR
BASIC P/N
ACTUATOR
CASE + LEDS
1
Blue
1/4
Dark blue
2
Black
3
Green
4
Grey
HARD PLASTIC (ABS)
Y
Yellow
R
Red
G
Green
ELASTOMER
MARKING ORIENTATION
BASIC P/N
ACTUATOR
CASE + LEDS
If no marking required, complete the box with code
N.
Other orientations : on request
CKLMA1-A
CKLMA2-A
FICHIER: CKLMA-P3
le 18/03/08
ECHELLE: 0.625
indice A
3
2
1
6
5
4
OFF
ON
4
5
6
1
2
3
A
B
N
SYMBOLS
BASIC P/N
ACTUATOR
CASE + LEDS
A
XX
No symbol
Available symbols
Complete each enlarged box with the one of the codes listed on the
following pages.
Laser etching resistance
- Water and petrol resistant acccording to EN61058-1
- Tear resistant (cross-cut test) according to NF ISO 2409 : class 0
- UV resistant according to ISO 4892-2
Marking area
The symbol will be included in the hatched area.
For non-illuminated versions
CKLMA1-A
CKLMA2-A
FICHIER: CKLMA-P3
le 18/03/08
ECHELLE: 0.625
indice A
3
2
1
6
5
4
OFF
ON
4
5
6
1
2
3
A
B
B
(.551)
14.00
ECHELLE: 0.625
le 18/03/08
FICHIER: CKLZL-P9
indice A
CKLZL1-A
13.20
(.520)
(.520)
13.20
CKLZL2-A
14.00
(.551)
For illuminated versions
5
Yellow
6
Red
7
Ivory
9
Orange
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16