Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KL394AX Fiches technique(PDF) 2 Page - APEM

No de pièce KL394AX
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEM [APEM]
Site Internet  www.apem.com
Logo APEM - APEM

KL394AX Fiches technique(HTML) 2 Page - APEM

  KL394AX Datasheet HTML 1Page - APEM KL394AX Datasheet HTML 2Page - APEM KL394AX Datasheet HTML 3Page - APEM KL394AX Datasheet HTML 4Page - APEM KL394AX Datasheet HTML 5Page - APEM KL394AX Datasheet HTML 6Page - APEM KL394AX Datasheet HTML 7Page - APEM KL394AX Datasheet HTML 8Page - APEM KL394AX Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Locking power rocker switches
KL series
MATRIX MOUNTING
(.984 min.)
25.00 mini
(.157)
4.00
47.00 mini
(1.850 min.)
10.20
(.402)
FICHIER: CKLDE-P11
le 18/03/08
ECHELLE: 0.625
indice A
CKLDE1-A
ON
SPECIFIC MATRIX MOUNTING
FOR Z VERSION
FICHIER: CKLDEZ
le 30/09/16
ECHELLE: 0.625
CKLDEZ
(1.063 min.)
27.00 mini
(.236)
6.00
48.50 mini
(1.909 min.)
11.70
(.460)
ON
• Case : PA 6-6
• Actuator : ABS
• Unlocking actuator : ABS or elastomeric membrane
• Bezel : PA 6-6
• Contacts & terminals : brass, solid silver grain, silver plated
(
A or S) or brass, solid silver grain, gold plated (D)
• Contact roller : brass, nickel plated
APEM products may be recycled at end-of-life for the re-claiming of valuable metal
components.
MATERIALS
• Sealing is optional. To order a sealed product, complete the
appropriate box of ordering format on the following pages.
SEALING
21.08 0/+0.3
(.830 0/+.012)
CKRDE3-C
PANEL CUT-OUT
(.984 min.)
25.00 mini
(.157)
4.00
47.00 mini
(1.850 min.)
10.20
(.402)
FICHIER: CKLDE-P11
le 18/03/08
ECHELLE: 0.625
indice A
CKLDE1-A
ON
FICHIER: CKLDEZ
le 30/09/16
ECHELLE: 0.625
CKLDEZ
(1.063 min.)
27.00 mini
(.236)
6.00
48.50 mini
(1.909 min.)
11.70
(.460)
ON
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16