| Moteur de recherche de fiches techniques de composants électroniques |
|
KL412AX Fiches technique(PDF) 16 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL412AX Fiches technique(HTML) 16 Page - APEM |
|
16 / 16 page ![]() Power rocker switches and indicators • symbols and accessories K range U2260 45.00 (1.772) CKRU2260-A 1 (1.441) 36.60 CKRU2280-A 1 36.60 (1.441) CKRU2290-A U2292 U2282 U3152 CONNECTORS Standard color : black. Other colors : on request. Connectors cannot be combined with wiring types H and I. U2260 6 terminal version. For use with terminals type 2, 3, 4 or 5. 6.35 (1/4) tabs to be fitted by the user (example : TE42282-2). Can be used for the KG series. U2282 10 terminal version. For use with terminals type H or J. 2.8 (.110) tabs to be fitted by the user (example : AMP/Tyco 0-927779-3). U2292 10 terminal version : For use with terminals type B, C, E or F. 6.35 (1/4) tabs to be fitted by the user (example : TE42282-2). U3152 10 terminal version. For use with terminals type B, C, E or F. 6.35 (1/4) tabs to be fitted by the user (example : "Timer" terminals TE927833-2) 6 |