Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

41005 Fiches technique(PDF) 6 Page - APEM

No de pièce 41005
Description  CONTROL KNOBS, MACHINED ALUMINUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEM [APEM]
Site Internet  www.apem.com
Logo APEM - APEM

41005 Fiches technique(HTML) 6 Page - APEM

  41005 Datasheet HTML 1Page - APEM 41005 Datasheet HTML 2Page - APEM 41005 Datasheet HTML 3Page - APEM 41005 Datasheet HTML 4Page - APEM 41005 Datasheet HTML 5Page - APEM 41005 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U
U6
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
KS SERIES
Solid aluminum with 3 flute design and line indicator on side and skirt
MODEL
COLOR
A
B
C
D
E
F
G
KS500A1/8
Natural
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS500A1/4
Natural
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS500B1/8
Black
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS500B1/4
Black
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS700A1/4
Natural
.750 (19.0)
.650 (16.5)
.590 (14.9)
1.12 (28.4)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS700B1/4
Black
.750 (19.0)
.650 (16.5)
.590 (14.9)
1.12 (28.4)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS900A1/4
Natural
.940 (23.9)
.820 (20.8)
.710 (18.0)
1.40 (35.6)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS900B1/4
Black
.940 (23.9)
.820 (20.8)
.710 (18.0)
1.40 (35.6)
.630 (16.0)
.510 (12.9)
.430 (10.9)



Html Pages

1 2 3 4 5 6