Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M29W008T Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce M29W008T
Description  8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008T Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button M29W008T Datasheet HTML 22Page - STMicroelectronics M29W008T Datasheet HTML 23Page - STMicroelectronics M29W008T Datasheet HTML 24Page - STMicroelectronics M29W008T Datasheet HTML 25Page - STMicroelectronics M29W008T Datasheet HTML 26Page - STMicroelectronics M29W008T Datasheet HTML 27Page - STMicroelectronics M29W008T Datasheet HTML 28Page - STMicroelectronics M29W008T Datasheet HTML 29Page - STMicroelectronics M29W008T Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
TSOP-a
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.05
0.037
0.041
B
0.17
0.27
0.007
0.011
C
0.10
0.21
0.004
0.008
D
19.80
20.20
0.780
0.795
D1
18.30
18.50
0.720
0.728
E
9.90
10.10
0.390
0.398
e0.50–
–
0.020
–
–
L
0.50
0.70
0.020
0.028
α
0
°
5
°
0
°
5
°
N40
40
CP
0.10
0.004
Drawing is not to scale.
TSOP40 Normal Pinout - 40 lead Plastic Thin Small Outline, 10 x 20mm
29/30
M29W008T, M29W008B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30