Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M29W008AB Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce M29W008AB
Description  8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008AB Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button M29W008AB Datasheet HTML 22Page - STMicroelectronics M29W008AB Datasheet HTML 23Page - STMicroelectronics M29W008AB Datasheet HTML 24Page - STMicroelectronics M29W008AB Datasheet HTML 25Page - STMicroelectronics M29W008AB Datasheet HTML 26Page - STMicroelectronics M29W008AB Datasheet HTML 27Page - STMicroelectronics M29W008AB Datasheet HTML 28Page - STMicroelectronics M29W008AB Datasheet HTML 29Page - STMicroelectronics M29W008AB Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
M29W008AT, M29W008AB
26/30
Table 24. Security Block Instruction
Note: 1. Address bits A10-A19 are don’t care for coded address inputs.
2. Data bits DQ8-DQ15 are don’t care for coded address inputs.
Mne.
Instr.
Cyc.
Unlock Cycle
2nd Cyc.
1st Cyc.
RDS
Read
Security
Data
1
Addr. (1)
AAh
Read OTP Data until a new write cycle is initiated.
Data (2)
B8h
Figure 13. Security Block Address Table
Security
Memory Block
AI02740
TOP BOOT BLOCK
000FFh
Security
Memory Block
00000h
0E0FFh
0E000h
BOTTOM BOOT BLOCK
SECURITY PROTECTION MEMORY AREA
The M29W008A features a security protection
memory area. It consists of a memory block of 256
bytes which is programmed in the ST factory to
store a unique code that uniquely identifies the
part.
This memory block can be read by using the Read
Security Data instruction (RDS) as shown in Table
24.
Read Security Data (RDS) Instruction. This RDS
uses a single write cycle instruction: the command
B8h is written to the address AAh. This sets the
memory to the Read Security mode. Any succes-
sive read attempt will output the addressed Secu-
rity byte until a new write cycle is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30