| Moteur de recherche de fiches techniques de composants électroniques |
|
10146152-5000RLF Fiches technique(PDF) 1 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
10146152-5000RLF Fiches technique(HTML) 1 Page - Amphenol Communications Solutions |
|
1 / 3 page ![]() www.amphenol-cs.com SHIELDED HIGH-SPEED BOARD- TO-BOARD CONNECTOR Basics’ Minitek® MicroSpeed connector family with 1.00mm pitch supports high-speed data applications with up to 25Gb/s. These connectors feature a shielded design that provides superior EMC performance and significantly improved electromagnetic compatibility. The poka-yoke polarization prevents visual mismating, which makes it ideal for use in industrial environments. TARGET MARKETS FEATURES BENEFITS § High speed performance up to 25Gb/s § Can be used in high-end computing and signal transfer applications in data communication telecommunication, computing, medical technologyand industrial automation segments § EMI shielding § Significantly reduced coupling inductance leading to excellent electromagnetic compatibility § Dual-beam receptacle contacts § Provides high electrical reliability and withstands high lvel of vibration § Blind-mating feature § Suit for those tasks where visual and tactile tools are compromised during mating process § Vertical, right angle and combo solutions § Supports various applications § Licensed second source to ERNI with an exact mating cross-reference § Allows direct selection and usage of mating counterpart for ERNI’s product § Lead-free and RoHS compliant § Meets health, safety and environment requirements § Supports high-speed performance up to 25Gb/s § EMC shielding reduces coupling inductance, providing excellent electromagnetic compatibility § Dual-beam contact with a robust design for customer application § Blind-mating feature § Supports multiple PCB orientation applications Minitek® MicroSpeed 1.00mm Board-to-Board Connector |
Numéro de pièce similaire - 10146152-5000RLF |
|
Description similaire - 10146152-5000RLF |