Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F101R6U6TR Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32F101R6U6TR
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R6U6TR Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32F101R6U6TR Datasheet HTML 73Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 74Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 75Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 76Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 77Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 78Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 79Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 80Page - STMicroelectronics STM32F101R6U6TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
DocID15058 Rev 6
77/87
STM32F101x4, STM32F101x6
Package characteristics
86
Device Marking for LQFP64
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Figure 40. LQFP64 marking example (package top view)
1. Parts marked as “ES”,”E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87