Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F101C4U6A Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STM32F101C4U6A
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101C4U6A Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STM32F101C4U6A Datasheet HTML 18Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 19Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 20Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 21Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 22Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 23Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 24Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 25Page - STMicroelectronics STM32F101C4U6A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
Pinouts and pin description
STM32F101x4, STM32F101x6
22/87
DocID15058 Rev 6
Figure 5. STM32F101xx Low-density access line UFQPFN48 pinout
Figure 6. STM32F101xx Low-density access line VFQPFN36 pinout
36
35
34
33
32
31
30
29
28
VDD_3
1
27
VDD_2
OSC_IN/PD0
2
26
VSS_2
OSC_OUT/PD1
3
25
PA13
NRST
4
QFN36
24
PA12
VSSA
5
23
PA11
VDDA
6
22
PA10
PA0-WKUP
7
21
PA9
PA1
8
20
PA8
PA2
9
19
VDD_1
10
11
12
13
14
15
16
17
18
ai14654



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87