Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP120N08MP Fiches technique(PDF) 3 Page - A POWER MICROELECTRONICS

No de pièce AP120N08MP
Description  80V N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APME [A POWER MICROELECTRONICS]
Site Internet  
Logo APME - A POWER MICROELECTRONICS

AP120N08MP Fiches technique(HTML) 3 Page - A POWER MICROELECTRONICS

  AP120N08MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP120N08MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP120N08MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP120N08MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP120N08MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP120N08MP Datasheet HTML 6Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP120N08MP
80V N-Channel Enhancement Mode MOSFET
AP120N08PIT RVE1.0
臺灣永源微電子科技有限公司
Typical Characteristics
Figure 1. Typ. Output Characteristics (Tj=25 ℃)
Figure 2. Transfer Characteristics
Figure 3. On-Resistance vs. Drain Current
Figure 4. On-Resistance vs. Junction Temperature
and Gate Voltage Figure
Figure 5. On-Resistance vs. Gate-Source Voltage
Figure 6 . Body-Diode Characteristics



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com