| Moteur de recherche de fiches techniques de composants électroniques |
|
FCX458-HF Fiches technique(PDF) 4 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
FCX458-HF Fiches technique(HTML) 4 Page - Comchip Technology |
|
4 / 5 page ![]() QW-JTR126 Page 4 REV:A Company reserves the right to improve product design , functions and reliability without notice. Comchip Technology CO., LTD. Silicon Planar High Voltage Transistor Reel Taping Specification D D1 D2 W1 SOT-89 SOT-89 4.85 ± 0.10 0.191 ± 0.004 4.45 ± 0.10 1.85 ± 0.10 0.175 ± 0.004 0.073 ± 0.004 1.50 ± 0.10 0.059 ± 0.004 180.00 ± 1.00 7.087 ± 0.039 60.00 ± 1.50 2.362 ± 0.059 0.512 ± 0.020 13.00 ± 0.50 SYMBOL (mm) (inch) (inch) (mm) SYMBOL A B C d D D1 W D2 W1 E F P T P1 P0 1.75 ± 0.10 5.50 ± 0.05 8.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 0.069 ± 0.004 0.217 ± 0.002 0.315 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 A P F E W P0 P1 B T d C 0.292 ± 0.013 0.011 ± 0.001 12.00 + 0.30 − 0.10 0.472 + 0.012 − 0.004 16.40 ± 0.30 0.646 ± 0.012 Trailer Tape Leader Tape 25±1 Empty Pockets 50±1 Empty Pockets Components |