| Moteur de recherche de fiches techniques de composants électroniques |
|
TS941BIDT Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS941BIDT Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 19 page ![]() TS941 TS942 TS944 Absolute maximum ratings and operating conditions 3/19 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.5 to 10 V Vicm Common mode input voltage range VDD -0.2 to VCC -1.3 V Toper Operating free air temperature range -40 to + 85 °C |