| Moteur de recherche de fiches techniques de composants électroniques |
|
MMA02040D3JB3 Fiches technique(PDF) 7 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MMA02040D3JB3 Fiches technique(HTML) 7 Page - Vishay Siliconix |
|
7 / 13 page ![]() MMU 0102, MMA 0204, MMB 0207 - Professional www.vishay.com Vishay Beyschlag Revision: 20-Jan-2026 7 Document Number: 28713 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Maximum pulse voltage, single and continuous pulses; applicable if ≤ max.; for permissible resistance change ± (0.5 % R + 0.01 Ω) Pulse Voltage Pulse load rating in accordance with EN 60115-1 clause 8.2; 1.2 μs / 50 μs; 5 pulses at 12 s intervals; for permissible resistance change ± (0.5 % R + 0.05 Ω) 1.2 / 50 Pulse Pulse load rating in accordance with EN 60115-1 clause 8.2; 10 μs / 700 μs; 10 pulses at 1 minute intervals; for permissible resistance change ± (0.5 % R + 0.05 Ω) 10 / 700 Pulse 1 μs 10 μs 100 μs 1 ms 10 ms 100 ms 1 s 10 s 10 100 1000 10000 100 1000 Axis Title t i - Pulse Duration ▬▬▬ MMB 0207 ▬▬▬ MMA 0204 ▬▬▬ MMU 0102 Pˆ Pˆ 10 100 1000 10000 10 100 1000 10 000 10 100 1K 10K 100K 1M 10M Axis Title R - Resistance Value (Ω) ▬▬▬ MMB 0207 ▬▬▬ MMA 0204 ▬▬▬ MMU 0102 10 100 1000 10000 10 100 1000 10 000 10 100 1K 10K 100K 1M 10M Axis Title R - Resistance Value (Ω) ▬▬▬ MMB 0207 ▬▬▬ MMA 0204 ▬▬▬ MMU 0102 |