| Moteur de recherche de fiches techniques de composants électroniques |
|
TL054ID Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL054ID Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 67 page ![]() TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 26 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 33 –75 10 125 1000 –50 –25 0 25 50 75 100 40 100 400 RL = 10 kΩ RL = 2 kΩ TA – Free-Air Temperature – °C LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION† vs FREE-AIR TEMPERATURE VCC ± = ±15 V VO = 10 V Figure 34 10 0 f – Frequency – Hz 10 M 100 100 1 k 10 k 100 k 1 M 10 20 30 40 50 60 70 80 90 VCC ± = ±5 V TA = 25°C COMMON-MODE REJECTION RATIO vs FREQUENCY Figure 35 90 80 70 60 50 40 30 20 10 100 0 1 M 100 k 10 k 1 k 100 10 M f – Frequency – Hz 10 VCC ± = ±15 V TA = 25°C COMMON-MODE REJECTION RATIO vs FREQUENCY Figure 36 –75 70 TA – Free-Air Temperature – °C 100 75 80 85 90 95 –50 –25 0 25 50 75 100 VIC = VICRMin VCC ± = ±5 V VCC ± = ±15 V COMMON-MODE REJECTION RATIO† vs FREE-AIR TEMPERATURE 125 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |