Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW81103ATR Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STW81103ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103ATR Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STW81103ATR Datasheet HTML 45Page - STMicroelectronics STW81103ATR Datasheet HTML 46Page - STMicroelectronics STW81103ATR Datasheet HTML 47Page - STMicroelectronics STW81103ATR Datasheet HTML 48Page - STMicroelectronics STW81103ATR Datasheet HTML 49Page - STMicroelectronics STW81103ATR Datasheet HTML 50Page - STMicroelectronics STW81103ATR Datasheet HTML 51Page - STMicroelectronics STW81103ATR Datasheet HTML 52Page - STMicroelectronics STW81103ATR Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
STW81103
Package mechanical data
51/53
Table 25.
Package dimensions
Ref.
Min.
Typ.
Max.
Unit
A
0.800
0.900
1.000
mm
A1
0.020
0.050
mm
A2
0.650
1.000
mm
A3
0.200
mm
b
0.180
0.250
0.300
mm
D
4.850
5.000
5.150
mm
D1
4.750
mm
D2
2.950
3.100
3.250
mm
E
4.850
5.000
5.150
mm
E1
4.750
mm
E2
2.950
3.100
3.250
mm
e
0.500
mm
L
0.350
0.550
0.750
mm
P
0.600
mm
K
14
degrees
ddd
0.080
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53