Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M29F080A Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce M29F080A
Description  8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080A Fiches technique(HTML) 3 Page - STMicroelectronics

  M29F080A Datasheet HTML 1Page - STMicroelectronics M29F080A Datasheet HTML 2Page - STMicroelectronics M29F080A Datasheet HTML 3Page - STMicroelectronics M29F080A Datasheet HTML 4Page - STMicroelectronics M29F080A Datasheet HTML 5Page - STMicroelectronics M29F080A Datasheet HTML 6Page - STMicroelectronics M29F080A Datasheet HTML 7Page - STMicroelectronics M29F080A Datasheet HTML 8Page - STMicroelectronics M29F080A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
M29F080A
SIGNAL DESCRIPTIONS
See Figure 1, Logic Diagram, and Table 1, Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A19). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the internal state machine.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the commands
sent to the Command Interface of the internal state
machine.
Chip Enable (E). The Chip Enable, E, activates
the memory, allowing Bus Read and Bus Write op-
erations to be performed. When Chip Enable is
High, VIH, all other pins are ignored.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operation of the memory.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the memory’s Com-
mand Interface.
Reset/Block Temporary Unprotect (RP). The Re-
set/Block Temporary Unprotect pin can be used to
apply a Hardware Reset to the memory or to tem-
porarily unprotect all blocks that have been pro-
tected.
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns during transitions.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (Temperature Range Option 1)
0 to 70
°C
Ambient Operating Temperature (Temperature Range Option 6)
–40 to 85
°C
Ambient Operating Temperature (Temperature Range Option 3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage
–0.6 to 6
V
VCC
Supply Voltage
–0.6 to 6
V
VID
Identification Voltage
–0.6 to 13.5
V
Table 3. Uniform Block Addresses, M29F080A
#
Size
(Kbytes)
Address Range
Protection
Group
15
64
F0000h-FFFFFh
7
14
64
E0000h-EFFFFh
13
64
D0000h-DFFFFh
6
12
64
C0000h-CFFFFh
11
64
B0000h-BFFFFh
5
10
64
A0000h-AFFFFh
9
64
90000h-9FFFFh
4
8
64
80000h-8FFFFh
7
64
70000h-7FFFFh
3
6
64
60000h-6FFFFh
5
64
50000h-5FFFFh
2
4
64
40000h-4FFFFh
3
64
30000h-3FFFFh
1
2
64
20000h-2FFFFh
1
64
10000h-1FFFFh
0
0
64
00000h-0FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21