| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2028D3 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2028D3 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() STE2028 2/4 Description (continued) The different shades of gray are achieved with algorithms aimed to minimize the refresh rate, current consumption and enable the use of new high speed CSTN (Color-Super Twisted Nematics) fluids. A complete set of digital functions limits the host controller overhead to manage complex display configurations and fast moving images data transfers to driver RAM. STE2028 features five standard interfaces (3-lines Serial, 3-lines SPI, 4-lines SPI, 68000 Parallel & 8080 parallel) for easy of interfacing with the host micro-controller. Figure 2. Functional block diagram Note: STMicroelectronics is neither licensed nor authorized to license its customers under one or more patents held by Motif Corporation to use this integrated circuit in the manufacture of liquid crystal display modules. Such license can be obtained by Motif Corporation. Table 1. Key features and benefits Features Benefits Most integrated solution Only four external caps Low power solution Competitive consumption figures Fully integrated OTP Flexible and integrated module maker parameter settings with low area consumption 262k color and 65k color, embedded RAM, 130 RGB x 162 The best solution for low-cost 262k color displays 9-bit 3wires / 8-bit 3&4-wire serial interfaces 8080&68K Parallel interfaces Status register Control register Display RAM 132rgb x 162 (18 Bits) Grey levelsgenerators Column drivers Clocks generator High voltage generator Bias voltage generator MLS logic OTP Instruction decoder ROW drivers Gamma correction 9-bit 3wires / 8-bit 3&4-wire serial interfaces 8080&68K Parallel interfaces Status register Control register Display RAM 130 rgbx162(18 Bits) Grey levelsgenerators Column drivers Clocks generator High voltage generator Bias voltage generator MLS logic OTP Instruction decoder ROW drivers Gamma correction |